Part Number Hot Search : 
LV8732V AN6546SP BB439 SG1503Y USD835 9LV64 FCX596 NTC211
Product Description
Full Text Search
 

To Download IF142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 01/99
B-29
IF142
N-Channel Silicon Junction Field-Effect Transistor
Low-Noise, High Gain Amplifier
Absolute maximum ratings at TA = 25C
Reverse Gate Source & Reverse Gate Drain Voltage Continuous Forward Gate Current Continuous Device Power Dissipation Power Derating Storage Temperature Range
- 20 V 10 mA 375 mW 3 mW/C - 65C to 200C
At 25C free air temperature: Static Electrical Characteristics
IF142 Min Max Unit
Process NJ14AL Test Conditions
Gate Source Breakdown Voltage Gate Reverse Current Gate Source Cutoff Voltage Gate Source Voltage Gate Source Forward Voltage Drain Saturation Current (Pulsed)
Dynamic Electrical Characteristics
V(BR)GSS IGSS VGS(OFF) VGS VGS(F) IDSS
- 25 - 0.1 - 0.2 -6 -5 1 15
V nA nA V V V mA
IG = - 1 A, VDS = OV VGS = - 15V, VDS = OV VGS = - 15V, VDS = OV VDS = 15V, ID = 5 nA VDS = 15V, ID = 50 A VDS = O, IG = 1 mA VDS = 15V, VGS = OV TA = 150C
5
Common Source Forward Transmittance Common Source Output Conductance Common Source Input Capacitance Common Source Reverse Transfer Capacitance
Yfs Yos Ciss Crss
3.5 0.05 3 0.6
Typ
mS S pF pF
VDS = 15V, VGS = OV VDS = 15V, VGS = OV VDS = 15V, VGS = OV VDS = 15V, VGS = OV
f = 1 kHz f = 1 kHz f = 1 MHz f = 1 MHz
Equivalent Short Circuit Input Noise Voltage
eN
4
nV/Hz
VDS = 12V, VGS = OV
f = 10 Hz
TO236AB Package
Dimensions in Inches (mm)
Pin Configuration
1 Drain, 2 Source, 3 Gate
www.interfet.com
1000 N. Shiloh Road, Garland, TX 75042 (972) 487-1287 FAX (972) 276-3375


▲Up To Search▲   

 
Price & Availability of IF142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X